Part Number Hot Search : 
MSS7341 LC89902V BAT54 6152E WSL432 H836022 NCP18 PKR43A
Product Description
Full Text Search
 

To Download BL-S56A-13D-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LED NUMERIC DISPLAY, 1 DIGIT BL-S56X-13
Super Bright Electrical-optical characteristics: (Ta=25 ) (Test Condition: IF=20mA)
Part No
Common Cathode
BL-S56A-13S-XX BL-S56A-13D-XX BL-S56A-13UR-XX BL-S56A-13E-XX BL-S56A-13Y-XX BL-S56A-13G-XX
Common Anode
BL-S56B-13S-XX BL-S56B-13D-XX BL-S56B-13UR-XX BL-S56B-13E-XX BL-S56B-13Y-XX BL-S56B-13G-XX
Emitte d Color
Hi Red Super Red Ultra Red Orange Yellow Green
Ultra Bright Electrical-optical characteristics: (Ta=25 ) (Test Condition: IF=20mA)
Part No Common Cathode BL-S56A-13UHR-XX BL-S56A-13UE-XX
BL-S56A-13YO-XX BL-S56A-13UY-XX
BL-S56A-13UG-XX BL-S56A-13PG-XX BL-S56A-13B-XX BL-S56A-13W-XX
w
. w w
Common Anode BL-S56B-13UHR-XX BL-S56B-13UE-XX BL-S56B-13YO-XX BL-S56B-13UY-XX BL-S56B-13UG-XX BL-S56B-13PG-XX BL-S56B-13B-XX BL-S56B-13W-XX
lu t e b
GaP/GaP Emitted Color Ultra Red Ultra Orange Ultra Amber Ultra Yellow Ultra Green Ultra Pure Green Ultra Blue Ultra White
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 1 of 4 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
-XX: Surface / Lens color 0 Number Ref Surface Color White Epoxy Color Water clear
1 Black White diffused


Features: 14.20mm (0.56") Single digit numeric display series. Low current operation. Excellent character appearance. Easy mounting on P.C. Boards or sockets. I.C. Compatible. ROHS Compliance.
Chip
Material
GaAlAs/GaAs,SH GaAlAs/GaAs,DH GaAlAs/GaAs,DDH GaAsP/GaP GaAsP/GaP
P (nm)
660 660 660
VF Unit:V Typ 1.85 Max 2.20
Iv TYP.(mcd ) 30
. x
635 585 570 P (nm) 645 630 619 590 574 525 470 /
m o c
1.85 2.20 1.85 2.20 2.10 2.50 2.10 2.50 2.20 2.50 VF Unit:V Typ Max 2.10 2.10 2.10 2.10 2.20 3.80 2.70 2.70 2.50 2.50 2.50 2.50 2.50 4.50 4.20 4.20
45 50 35 35 35
Chip
Material
Iv TYP.(mcd ) 50 38 38 38 45 60 58 65
AlGaInP
AlGaInP AlGaInP AlGaInP AlGaInP InGaN InGaN InGaN
2 Gray Red Diffused
3 Red Green Diffused
4 Green Yellow Diffused
5
LED NUMERIC DISPLAY, 1 DIGIT BL-S56X-13
Absolute maximum ratings (Ta=25 Parameter Forward Current IF Power Dissipation Pd Reverse Voltage VR Peak Forward Current IPF (Duty 1/10 @1KHZ) Operation Temperature TOPR Storage Temperature TSTG Lead Soldering Temperature TSOL
-40 to +85 Max.2605 for 3 sec Max. (1.6mm from the base of the epoxy bulb)
Absolute maximum ratings (Ta=25 C) Parameter Forward Current IF Power Dissipation Pd Reverse Voltage VR Peak Forward Current IPF (Duty 1/10 @1KHZ) Operation Temperature TOPR Storage Temperature TSTG TSOL UHR
30 75 5 150
UE
30 65 5
YO
30 65 5
UY
30 65 5
Lead Soldering Temperature
Max.2605 for 3 sec Max. (1.6mm from the base of the epoxy bulb)
w
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 2 of 4 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
|
. w w
|
lu t e b
150 150 150
. x
UG
30 75 5 150
PG
m o c
UB UW
30 110 5 30 120 5 30 120 5 150 100 100
Unit
mA mW V mA
-40 to +80 -40 to +85


) D 25 60 5 150 25 60 5 150 UR 25 60 5 150 -40 to +80 E 25 60 5 150 Y 25 60 5 150 G 30 65 5 150 Unit mA mW V mA
S
LED NUMERIC DISPLAY, 1 DIGIT BL-S56X-13
Notes: 1. All dimensions are in millimeters (inches) 2. Tolerance is 0.25(0.01")unless otherwise noted. 3. Specifications are subject to change without notice.
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 3 of 4 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
w
. w w
lu t e b
. x
m o c
LED NUMERIC DISPLAY, 1 DIGIT BL-S56X-13
1.0
0.5
0 350
Wavelength(nm) RELATIVE INTENSITY Vs WAVELENGTH( p )
(1) - GaAsP/GaAs 655nm/Red (2) - GaP 570nm/Yellow Green (3) - GaAsP/GaP 585nm/Yellow (4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red (5) - GaP 700nm/Bright Red (6) - GaAlAs/GaAs 660nm/Super Red (8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm (10) - GaAs/GaAs & GaAlAs/GaAs 940nm (A) - GaN/SiC 430nm/Blue (B) - InGaN/SiC 470nm/Blue (C) - InGaN/SiC 505nm/Ultra Green (D) - InGaAl/SiC 525nm/Ultra Green
50 FORWARD CURRENT(mA)
RELATIVE LUMINOUS INTENSITY 3 2 1 0.5 0.2 0.1 -30 -20 -10
1
8 64 5
23
4.0
40 30 20 10 0 1.2
3.0
1.6
2.0
2.4
2.6
FORWARD VOLTAGE (Vf) FORWARD CURRENT VS. FORWARD VOLTAGE
w
0 10
FORWARD CURRENT (mA) RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT
AMBIENT TEMPERATURE Ta( ) FORWARD CURRENT VS. AMBIENT TEMPERATURE
1 5 4 2 3
10 9 8 7 6 5 4 3 2 20 30 40 50 60 70 1 1 Ipeak MAX. IDC MAX.
300KHz 3KHz 10KHz 1KHz 100KHz F-REFRESH RATE
3KHz 300Hz 30KHz 100KHz 10KHz 1KHz 100Hz 10 9 8 7 6 5 Ipeak MAX. IDC MAX. 4 3 2 1 1 10 100 1000 tp-PULSE DURATION uS (5)
AMBIENT TEMPERATURE Ta( )
10
100
1000
10,000
tp-PULSE DURATION uS (1,2,3,4,6,8,B.D.J.K) NOTE:25
free air temperature unless otherwise specified
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 4 of 4 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
(c)
e .b w w
2.0 1.0 0 3.0 20 40 60
lu t
1 5 B 100
80

Typical electrical-optical characteristics curves:
(A) (B) (C) (D) (2) (3) (8) (4) (1) (6) (5) (9) (10)
400
450
500
550
600
650
700
750
800
850
900
950
1000
. x
50 40 30 20 10 0 FORWARD CURRENT(mA)
m o c
20 40 60 80 100
RELATIVE LUMINOUS INTENSITY
1
6 2,4,8,A 3 5
10,000


▲Up To Search▲   

 
Price & Availability of BL-S56A-13D-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X